Part Number Hot Search : 
2A4812XD NTE5261A BF410C 12D12 HYB51 DPJCZFH M12542DD AAT11
Product Description
Full Text Search
 

To Download CO4558L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? operating voltage : 1.5~ 8v or 3~16v ? large dc voltage gain: 100 db ? high input resistance :1m w ? l o w vo l t a ge op er at io n : 1. 5 v ? bipolar technology ? low power c onsumption description the co 4558 l consists of two independent, high gain, internally compensated amplifiers which were designed sp ecifically to operate from a single or split power supply. application areas include transducer amplifier, dc gain blocks and all the conventional operational amplifier circuits. co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o blank so - 8 n=pdip8 a=so - 8 & taping package o r der i ng in f or ma t io n co 45 58 l n b l o ck d ia gr am * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 1 of 10 rev 1.1 dec 26,2001
absolute maximum ratings (ta = 25 o c) parameter symbol limits unit power supply voltage v+/v- 8 v diffeential input voltage v id 7 v power dissipation p d 500 mw operating temperature t opr 0~+85 o c storage temperature t stg -55~+150 o c *stresses beyond those lis ted under ? absolute maxi mum ratings? may cause permanent damage to the device. exposur e to absolute-maximum-rated conditions for extended peeriods may af fect device reliability. recommended operating condition parameter symbol limits unit power supply voltage v+/v- 1.5~ 8(3~16) v electrical characteristics ( unless otherwise noted, ta = 25 o c, v+ = 6v, v- =-6v ) parameter symbol min. typ. max. unit conditions input offset voltage v io -0.7 6 mv r s 10k ? input offset current i io -5200 na input bias current i b -70500 na input resistance r in 0.5 0.8 - m ? input voltage range vin - - 5 v large signal voltage gain av 86 100 - db gain bandwidth gbw - 3 - mhz phase margin m -60 - deg. output voltage swing vsw - 5 -v r l =10k ? dc common mode rejection ratio cmrr - 98 - db power supply rejection ratio psrr - 95 - db r s 10k ? , f in =100hz vp-p=100mv slew rate sr 0.9 1.0 - v/ s r l =2k ? cl =100pf input noise voltage vnoise - 1.94 - uvrms riaa, rs=1k ? , 30khz, lpf output resistance ro - 75 - ? output short-circuit current ios - 100 - ma * channel separation - 100 - db f=1khz~20khz rise time tr - 55 - ns operating current icc - 5.5 10 ma *1 due to power disspation issue, it is not allowed for both ch annels to operate at this condition at the same moment. co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 2 of 10 rev 1.1 dec 26,2001
typical curve open-loop gain bandwidth and phase margin co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 3 of 10 rev 1.1 dec 26,2001
co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 4 of 10 rev 1.1 dec 26,2001
co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 5 of 10 rev 1.1 dec 26,2001
application circuit mic pre-amp circuit for echo application z change the value of the r and c to adjust the cutoff frequency of the high pass filter as you like. z the output is connected to the input point of the echo application circuit. co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 6 of 10 rev 1.1 dec 26,2001
co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 7 of 10 rev 1.1 dec 26,2001
package outlines : dip-8 inches millimeters symbol min m ax min m ax notes a - 0.200 - 5.08 - b1 0.014 0 .023 0.36 0.58 - b2 0.045 0 .065 1.14 1.65 - c1 0.008 0.015 0.20 0.38 - d 0.355 0.400 9.02 10.16 - e 0.220 0.310 5.59 7.87 - e 0.100 bsc 2.54 bsc - ea 0.300 bsc 7.62 bsc l 0.125 0.200 3.18 5.08 - q 0.015 0.060 0.38 1.52 - s1 0.005 - 0.13 - - 90 0 105 0 90 0 105 0 - co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 8 of 10 rev 1.1 dec 26,2001
small outline sop-8 inches millimeters symbol min m ax min m ax notes a 0.188 0.197 4.80 5.00 - b 0.149 0.158 3.80 4.00 - c 0.228 0.244 5.80 6.20 - d 0.050 bsc 1.27 bsc - e 0.013 0.020 0.33 0.51 - f 0.004 0.010 0.10 0.25 - h 0.053 0.069 1.35 1.75 - j 0.011 0.019 0.28 0.48 k 0.007 0.010 0.19 0.25 - m 0.016 0.050 0.40 1.27 l 0.150 ref 3.81 ref - e1 45 0 45 0 - 0 0 8 0 0 0 8 0 - co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 9 of 10 rev 1.1 dec 26,2001
reflow condition (ir/co nvection or vpr reflow) reference jedec standard j-std-020a classification reflow profiles convection or ir/convction vpr average heating rate(180 c to peak) 5 c/second max. 10 c/second max. preheat temperature(125 20 c) 120 seconds max. temperature maintained above 180 c 10~150 seconds time within 5 c of actual peak temperature 10~20 seconds 60 seconds peak temperature range(note 1) 219~225 c or 235~240 c 219~225 c or 235~240 c cooling rate 6 c /second max. 10 c/second max. time 25 c to peak temperature 6 minutes max. *1 the maximum peak temperatures for ir and vp reflow are depending on package dimensions. package reflow conditions pkg. thickness 2.5mm and all bags pkg. thickness <2.5mm and pkg. volume 350 mm 3 pkg. thickness <2.5mm and pkg. volume <350 mm 3 convection 219~225 c convection 235~240 c vpr 219~225 c vpr 235~240 c ir/convection 219~225 c ir/convection 235~240 c co 455 8 l d u a l o p e r a t i o n a l l o w po we r a m p l i f i e r f o r a u d i o * all specs and applications shown above subject to change without prior notice. 1f - 5 no.66 sec.2 nan - kan rd ., luchu , taoyuan , taiwan, r.o.c email: server@ceramate.com.tw tel:886 - 3 - 3529445 http: www.ceramate.com.tw fax:88 6 - 3 - 3521052 page 1 0 of 10 rev 1.1 dec 26,2001


▲Up To Search▲   

 
Price & Availability of CO4558L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X